Part Number Hot Search : 
B099462 MMDT3904 B82792 UPB551C D2W101LF STB1045 4AVC16 C104R
Product Description
Full Text Search
 

To Download MC182NP-500M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IFT COILS < Pin Type: MC Series>
Type: MC-182
*Y
Product Description
18.5mm Max.,20.5mm Max. Height. Inductance:1.0mH Max. Operating frequency:250kHz Max. In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements.
*EO *E *E *E
*Y
Feature
*E *E *E
*Y
High inductance fixed shielded type. Can be used as DC-DC converter transformer. RoHS Compliance
Dimensions (mm)
*Y
36 *K
Connection (Bottom View)
C B A @ G
H
D E F
19 .5
+1 .0 -0.5
+ 1.0 -0.5 3.5
O 0. 7 * }0 .1
.0 }* 0 . 3 21O .0 }* 0 . 5 81O
S
*g S*h is winding start.
*- *- *Y Dimension does not include solder used on coil. Pin pitch should be measured at the root of terminal.
Specification
NO. 01 02 03 04 05 06 07 08 Part No. MC182NP-5OOM MC182NP-1O1M MC182NP-2O1M MC182NP-3O1M MC182NP-4O1M MC182NP-6O1M MC182NP-8O1M MC182NP-1O2M Stamp 500M 101M 201M 301M 401M 601M 801M 102M Inductance (at 1 kHz) u 1 50E 100E 200E 300E 400E 600E 800E H*} H*} H*} H*} H*} H*} H*} 20*" 20*" 20*" 20*" 20*" 20*" 20*" D.C.R. 0.04 0.10 0.15 0.22 0.26 0.48 0.58 0.66 Rated Current (A )u 1 3.5 2.5 2.1 1.6 1.5 1.1 1.0 0.9
1.0mH*} 20*"
*|
1 Rated current: The D.C. current at which the inductance decreases to 90% of it's initial value or when / t=40ae , whichever is lower(Ta=20ae )
Please refer to the sales offices on our website for a representative near you www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of MC182NP-500M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X